Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F427IIH7TR Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F427IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH7TR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F427IIH7TR Datasheet HTML 102Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 103Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 104Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 105Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 106Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 107Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 108Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 109Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
106/231
DocID024030 Rev 6
Table 30. Typical current consumption in Run mode, code with data processing running from
Flash memory or RAM, regulator ON (ART accelerator enabled except prefetch),
VDD=1.7 V(1)
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Unit
IDD
Supply current in
RUN mode from
VDD supply
All Peripheral
enabled
168
88.2
mA
150
74.3
144
71.3
120
52.9
90
42.6
60
28.6
30
15.7
25
12.3
All Peripheral
disabled
168
40.6
150
30.6
144
32.6
120
24.7
90
19.7
60
13.6
30
7.7
25
6.7
1. When peripherals are enabled, the power consumption corresponding to the analog part of the peripherls (such as ADC, or
DAC) is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com