Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F427IIH7TR Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32F427IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH7TR Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32F427IIH7TR Datasheet HTML 171Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 172Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 173Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 174Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 175Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 176Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 177Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 178Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 231 page
background image
DocID024030 Rev 6
175/231
STM32F427xx STM32F429xx
Electrical characteristics
192
Figure 62. Synchronous non-multiplexed PSRAM write timings
th(CLKH-DV) FMC_D[15:0] valid data after FMC_CLK high
0
-
ns
t(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
4
th(CLKH-
NWAIT)
FMC_NWAIT valid after FMC_CLK high
0
1. CL = 30 pF.
2. Guaranteed by characterization results.
Table 97. Synchronous non-multiplexed PSRAM write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
t(CLK)
FMC_CLK period
2THCLK − 1
-
ns
td(CLKL-NExL) FMC_CLK low to FMC_NEx low (x=0..2)
-
0.5
ns
t(CLKH-NExH)
FMC_CLK high to FMC_NEx high (x= 0…2)
THCLK
-ns
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
0
ns
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0
-
ns
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
0
ns
Table 96. Synchronous non-multiplexed NOR/PSRAM read timings(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com