Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 193Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 194Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 195Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 196Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 197Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 198Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 199Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 200Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 197
PIC24FJ256GA705 FAMILY
REGISTER 16-6:
CCPxCON3H: CCPx CONTROL 3 HIGH REGISTERS
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
OETRIG
OSCNT2
OSCNT1
OSCNT0
—OUTM2(1)
OUTM1(1)
OUTM0(1)
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—POLACE
POLBDF(1)
PSSACE1
PSSACE0
PSSBDF1(1) PSSBDF0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
OETRIG:
CCPx Dead-Time Select bit
1
= For Triggered mode (TRIGEN = 1): Module does not drive enabled output pins until triggered
0
= Normal output pin operation
bit 14-12
OSCNT<2:0>:
One-Shot Event Count bits
111
= Extends one-shot event by 7 time base periods (8 time base periods total)
110
= Extends one-shot event by 6 time base periods (7 time base periods total)
101
= Extends one-shot event by 5 time base periods (6 time base periods total)
100
= Extends one-shot event by 4 time base periods (5 time base periods total)
011
= Extends one-shot event by 3 time base periods (4 time base periods total)
010
= Extends one-shot event by 2 time base periods (3 time base periods total)
001
= Extends one-shot event by 1 time base period (2 time base periods total)
000
= Does not extend one-shot trigger event
bit 11
Unimplemented:
Read as ‘0’
bit 10-8
OUTM<2:0>:
PWMx Output Mode Control bits(1)
111
= Reserved
110
= Output Scan mode
101
= Brush DC Output mode, forward
100
= Brush DC Output mode, reverse
011
= Reserved
010
= Half-Bridge Output mode
001
= Push-Pull Output mode
000
= Steerable Single Output mode
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
POLACE:
CCPx Output Pins, OCMxA, OCMxC and OCMxE, Polarity Control bit
1
= Output pin polarity is active-low
0
= Output pin polarity is active-high
bit 4
POLBDF:
CCPx Output Pins, OCMxB, OCMxD and OCMxF, Polarity Control bit (1)
1
= Output pin polarity is active-low
0
= Output pin polarity is active-high
bit 3-2
PSSACE<1:0>:
PWMx Output Pins, OCMxA, OCMxC and OCMxE, Shutdown State Control bits
11
= Pins are driven active when a shutdown event occurs
10
= Pins are driven inactive when a shutdown event occurs
0x
= Pins are tri-stated when a shutdown event occurs
bit 1-0
PSSBDF<1:0>:
PWMx Output Pins, OCMxB, OCMxD, and OCMxF, Shutdown State Control bits (1)
11
= Pins are driven active when a shutdown event occurs
10
= Pins are driven inactive when a shutdown event occurs
0x
= Pins are in a high-impedance state when a shutdown event occurs
Note 1:
These bits are implemented in the MCCP1 module only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com