Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP151A Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32MP151A_V01 Datasheet HTML 117Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 118Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 119Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 120Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 121Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 122Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 123Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 124Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 245 page
background image
DS12500 Rev 1
121/245
STM32MP151A
Electrical characteristics
228
6.1.6
Power supply scheme
Figure 11. Power supply scheme
Caution:
Each power supply pair (VDD/VSS, VDDCORE/VSS, VDDA/VSSA ...) must be decoupled with
filtering ceramic capacitors. These capacitors must be placed as close as possible to, or
below, the appropriate pins on the underside of the PCB to ensure good operation of the
device. It is not recommended to remove filtering capacitors to reduce PCB size or cost.
This might cause incorrect operation of the device.
MSv46560V3
BKUP
IOs
VDD domain
Analog domain
Core domain
VSW domain
(System logic, Peripherals)
(MPU,
peripherals,
RAM)
ADC, DAC
(MCU,
peripherals,
RAM)
Power switch
VDDCORE
VSS
VBAT
VDDA
VREF+
VREF-
VSSA
Backup
regulator
VDD
Backup RAM
Power switch
HSI, CSI, HSE,
LSI, WKUP,
IWDG
IOs
VSS
VSS
REF_BUF
VSS
IO
logic
VREF+
VSW
LSE, RTC, AWU,
Tamper, backup
registers, Reset
IO
logic
VBKP
Retention
RAM
Retention
regulator
VRET
1V8
regulator
VSS
Backup domain
Retention domain
VDD
IOs
IO
logic
USB FS
IOs
VSS
USB HS
PHY
VDD_PLL
PLLs
DDR
PHY
VSS
1V1
regulator
VSS
VSS_PLL
VREF-
IOports
IOports
IOports
VDD (VDD_ANA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com