Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP151A Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32MP151A_V01 Datasheet HTML 129Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 130Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 131Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 132Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 133Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 134Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 135Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 136Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 245 page
background image
Table 20. Current consumption (IDDCORE) in Run mode(1)
Symbol Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU
SS
mode
Oscillator
MPU
clk
(MHz)
MCU
clk
(MHz)
Tj =
25 °C
Tj =
25 °C
Tj =
55 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDDCORE
Supply
current in
Run mode
All peripherals
enabled
CRun
CRun
HSE+HSI+LSI+PLL
648
209
330
TBD
TBD
TBD
TBD
TBD
mA
600
325
TBD
TBD
TBD
TBD
TBD
400
295
TBD
TBD
TBD
TBD
TBD
IDDCORE
Supply
current in
Run mode
All peripherals
enabled
CRun
CStop
HSE+HSI+LSI+PLL
648
209
320
TBD
TBD
TBD
TBD
TBD
mA
600
310
TBD
TBD
TBD
TBD
TBD
400
285
TBD
TBD
TBD
TBD
TBD
IDDCORE
Supply
current in
Run mode
All peripherals
disabled
CRun
CStop
HSE+HSI+PLL
648
-
180
TBD
TBD
TBD
TBD
TBD
mA
HSE+HSI+PLL
600
-
175
TBD
TBD
TBD
TBD
TBD
HSE+HSI+PLL
300
-
135
TBD
TBD
TBD
TBD
TBD
HSE+HSI+PLL
150
-
92.0
TBD
TBD
TBD
TBD
TBD
HSE+HSI+PLL
64
-
65.5
TBD
TBD
TBD
TBD
TBD
HSE+HSI+PLL
24
-
51.5
TBD
TBD
TBD
TBD
TBD
HSE+HSI
24
-
35.5
TBD
TBD
TBD
TBD
TBD
HSI+PLL
64
-
65.0
---
--
HSI+PLL
24
-
51.5
---
--
HSI
64
-
49.0
---
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com