Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP151A Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32MP151A_V01 Datasheet HTML 160Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 161Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 162Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 163Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 164Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 165Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 166Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 167Page - STMicroelectronics STM32MP151A_V01 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 245 page
background image
Electrical characteristics
STM32MP151A
164/245
DS12500 Rev 1
10
Fmax(2)
Maximum frequency
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-94
MHz
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-124
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-144
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-166
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-53
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-66
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-72
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-81
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-3.5
ns
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-2.7
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-2.2
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-1.7
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-6.3
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-4.8
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-4
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-3.2
11
Fmax(2)
Maximum frequency
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-110
MHz
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-150
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-185
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-210
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-62
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-70
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-79
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-94
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-3
ns
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-2.2
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-1.8
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V(4)
-1.3
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-5.3
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-4
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-3.3
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-2.5
1. Guaranteed by design.
2. The maximum frequency is defined with the following conditions: (tr+tf) ≤ 2/3, skew ≤ 1/20 T and 45% < duty cycle < 55%.
3. The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform,
respectively.
Table 50. Output timing characteristics (HSLV OFF)(1) (continued)
Speed
Symbol
Parameter
conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com