Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L452VCU3PTR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 97Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 98Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 99Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 100Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 101Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 102Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 103Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 104Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 210 page
background image
Table 30. Current consumption in Run modes, code with data processing running from Flash,
ART disable and power supplied by external SMPS (VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Uni
t
-fHCLK
25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL(Run)
Supply current in Run
mode
fHCLK = fHSE up to 48MHz included, bypass mode
PLL ON above 48 MHz all peripherals disable
80 MHz
3.18
3.20
3.25
3.34
3.49
mA
72 MHz
2.88
2.89
2.95
3.02
3.18
64 MHz
2.84
2.86
2.91
3.00
3.15
48 MHz
2.37
2.39
2.44
2.53
2.68
32 MHz
1.71
1.73
1.78
1.85
2.00
24 MHz
1.29
1.31
1.37
1.44
1.56
16 MHz
0.93
0.95
0.99
1.06
1.20
8 MHz
0.47
0.50
0.54
0.60
0.75
4 MHz
0.28
0.29
0.33
0.40
0.54
2 MHz
0.16
0.17
0.22
0.29
0.43
1 MHz
0.11
0.12
0.16
0.23
0.37
100 kHz
0.06
0.07
0.11
0.18
0.32
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com