Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L452VCU3PTR Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32L452VCU3PTR
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 105Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 106Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 107Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 108Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 109Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 110Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 111Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 112Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 210 page
background image
Table 42. Current consumption in Sleep and Low-power sleep modes, Flash ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Sleep)
Supply
current in
sleep
mode,
fHCLK = fHSE up
to 48 MHz
included, bypass
mode
pll ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.700 0.730 0.830
1.00
1.35
0.80
0.90
1.05
1.30
1.90
mA
16 MHz
0.475 0.505 0.605
0.775
1.10
0.55
0.65
0.80
1.05
1.65
8 MHz
0.300 0.325 0.425
0.590
0.920
0.35
0.45
0.60
0.85
1.45
4 MHz
0.210 0.235 0.335
0.500
0.830
0.25
0.30
0.45
0.75
1.35
2 MHz
0.165 0.190 0.290
0.455
0.785
0.20
0.25
0.40
0.70
1.25
1 MHz
0.145 0.170 0.265
0.430
0.760
0.15
0.25
0.40
0.65
1.25
100 kHz 0.125 0.150 0.245
0.410
0.740
0.15
0.20
0.35
0.65
1.20
Range 1
80 MHz
2.30
2.35
2.45
2.65
3.05
2.55
2.65
2.85
3.15
3.80
72 MHz
2.10
2.15
2.25
2.45
2.80
2.35
2.40
2.60
2.90
3.55
64 MHz
1.90
1.90
2.05
2.25
2.60
2.10
2.20
2.35
2.70
3.35
48 MHz
1.40
1.40
1.55
1.75
2.15
1.60
1.65
1.85
2.15
2.80
32 MHz
0.970
1.00
1.15
1.30
1.70
1.10
1.20
1.40
1.70
2.35
24 MHz
0.765 0.800 0.920
1.10
1.50
0.90
0.95
1.15
1.45
2.10
16 MHz
0.555 0.590 0.705
0.895
1.25
0.65
0.75
0.90
1.20
1.85
IDD_ALL
(LPSleep)
Supply
current in
low-power
sleep
mode
fHCLK = fMSI
all peripherals disable
2 MHz
76.0
110
215
395
745
120
185
355
610
1250
µA
1 MHz
54.0
86.5
195
370
725
88.5
160
335
585
1250
400 kHz
39.0
70.5
175
355
710
68.5
140
320
570
1200
100 kHz
35.5
75.0
195
345
715
66.0
130
305
560
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com