Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PUSB3BB2DF Datasheet(PDF) 108 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 108 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 104Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 105Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 106Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 107Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 108Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 109Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 110Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 111Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 112Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 234 page
background image
NexPeria
MOSFET
Packages
F
= SOT323
G = SOT363
H = DFN0606
N = SOT457
T
= SOT666
V = SOT23
PB = DFN2020
XB = DFN1010
Z
= DFN1006
ZB = DFN1006B
Gate level
U = Ultra low level
X = Extra low level
L
= Logic level
E = Intermediate level
S = Standard level
ESD protected
A = AEC Q101 qualified
Configuration
D = Dual
C = Complementary (optional)
Polarity
N = N-Ch
P = P-Ch
PM G D 15 U N E A
Small-signal MOSFETs nomenclature
R
DSon (typ)
e.g. 15 = 15 mΩ
Nexperia selection guide 2020
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com