Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PUSB3BB2DF Datasheet(PDF) 115 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 115 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 111Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 112Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 113Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 114Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 115Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 116Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 117Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 118Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 119Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 234 page
background image
Automotive analog & logic ICs
Counters/Frequency dividers
Type number
Description
Features
Package (suffix)
74HC161-Q100
Presettable synchronous 4-bit binary counter; asynchronous reset
2.0 - 6.0
± 5.2
19
-40 to 125
•
•
74HC163-Q100
Presettable synchronous 4-bit binary counter; synchronous reset
2.0 - 6.0
± 5.2
17
-40 to 125
•
•
74HCT163-Q100
Presettable synchronous 4-bit binary counter; synchronous reset;
TTL-enabled
4.5 - 5.5
± 4.0
20
-40 to 125
•
•
74HC193-Q100
Presettable synchronous 4-bit binary up/down counter
2.0 - 6.0
± 5.2
20
-40 to 125
•
•
74HCT193-Q100
Presettable synchronous 4-bit binary up/down counter; TTL-enabled
4.5 - 5.5
± 4.0
20
-40 to 125
•
•
74HC393-Q100
Dual 4-bit binary ripple counter
2.0 - 6.0
± 5.2
12
-40 to 125
•
•
•
74HCT393-Q100
Dual 4-bit binary ripple counter; TTL-enabled
4.5 - 5.5
± 4.0
20
-40 to 125
•
•
•
74HC4017-Q100
Johnson decade counter with 10 decoded outputs
2.0 - 6.0
± 5.2
18
-40 to 125
•
•
•
74HCT4017-Q100
Johnson decade counter with 10 decoded outputs; TTL-enabled
4.5 - 5.5
± 4.0
21
-40 to 125
•
•
74HC4020-Q100
14-stage binary ripple counter
2.0 - 6.0
± 5.2
11
-40 to 125
•
•
•
74HCT4020-Q100
14-stage binary ripple counter; TTL-enabled
4.5 - 5.5
± 4.0
15
-40 to 125
•
•
•
74HC4024-Q100
7-stage binary ripple counter
2.0 - 6.0
± 5.2
14
-40 to 125
•
•
74HC4040-Q100
12-stage binary ripple counter
2.0 - 6.0
± 5.2
14
-40 to 125
•
•
•
74HCT4040-Q100
12-stage binary ripple counter; TTL-enabled
4.5 - 5.5
± 4.0
16
-40 to 125
•
•
•
74HC4060-Q100
14-stage binary ripple counter with oscillator
2.0 - 6.0
± 5.2
31
-40 to 125
•
•
•
74HCT4060-Q100
14-stage binary ripple counter with oscillator; TTL-enabled
4.5 - 5.5
± 4.0
31
-40 to 125
•
•
74HC4520-Q100
Dual 4-bit synchronous binary counter
2.0 - 6.0
± 5.2
24
-40 to 125
•
74HCT4520-Q100
Dual 4-bit synchronous binary counter; TTL-enabled
4.5 - 5.5
± 4.0
24
-40 to 125
•
74LV393-Q100
Dual 4-bit binary ripple counter
1.0 - 3.6
± 6
12
-40 to 125
•
•
HEF4017B-Q100
5-stage Johnson decade counter
3.0 - 15
± 2.4
40
-40 to 85
•
HEF4020B-Q100
14-stage binary ripple counter
3.0 - 15
± 2.4
30
-40 to 85
•
HEF4040B-Q100
12-stage binary ripple counter
3.0 - 15
± 2.4
35
-40 to 85
•
HEF4060B-Q100
14-stage binary ripple counter with oscillator
3.0 - 15
± 2.4
50
-40 to 85
•
HEF4541B-Q100
Programmable timer
3.0 - 15
- 4/ + 2.7
38
-40 to 85
•
HEF4520B-Q100
Dual 4-bit synchronous binary counter
3.0 - 15
± 2.4
15
-40 to 85
•
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com