Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA381BWS Datasheet(PDF) 107 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 103Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 104Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 105Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 106Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 107Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 108Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 109Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 110Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 174 page
background image
DocID018937 Rev 7
107/174
STA381BWS
Register description: Sound Terminal compatibility
1F
A1CF3
C3B7
C3B6
C3B5
C3B4
C3B3
C3B2
C3B1
C3B0
20
A2CF1
C4B23
C4B22
C4B21
C4B20
C4B19
C4B18
C4B17
C4B16
21
A2CF2
C4B15
C4B14
C4B13
C4B12
C4B11
C4B10
C4B9
C4B8
22
A2CF3
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
23
B0CF1
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
24
B0CF2
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
25
B0CF3
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
26
CFUD
RA
R1
WA
W1
2B
FDRC1
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
2C
FDRC2
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
2D
STATUS
PLLUL
FAULT
2E
MTH2
MTH[21:16]
2F
MTH1
MTH[15:8]
31
EQCFG
XOB
32
EATH1
EATHEN1
EATH1[6:0]
33
ERTH1
ERTHEN1
ERTH1[6:0]
34
EATH2
EATHEN2
EATH2[6:0]
35
ERTH2
ERTHEN2
ERTH2[6:0]
36
CONFX
MDRCE
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
37
SVUP
SVUP_
EN
SVUP_RATE[4:0]
38
SVDN
SVDN_
EN
SVDN_RATE[4:0]
3F
EVOLRES VRES_EN
VRESTG
_EN
EXVRES_CH3[1:0]
EXVRES_CH2[1:0]
EXVRES_CH1[1:0]
40
EVOLRES
2
EXVRES_MVOL[1:0]
41
PLLFRAC1
PLL_FRAC[15:8]
42
PLLFRAC0
PLL_FRAC[7:0]
43
PLLDIV
PLL_DITH[1:0]
PLL_NDIV[5:0]
44
PLLCFG0
PLL_
DPD
PLL_
FCT
PLL_STB
PLL_
STBBYP
PLL_IDIV[3:0]
45
PLLCFG1
PLL_
DIRP
PLL_PWD PLL_BYP OSC_PD
BOOST32K
46
PLLSTATE
BYPSTAT
E
PDSTATE
OSCOK
LOWCK
47
SHOK
GNDSH
VCCSH
OUTSH
49
CXT41
CEXT_B4[1:0]
CEXT_B3[1:0]
CEXT_B2[1:0]
CEXT_B1[1:0]
4A
CXT75
CEXT_B7[1:0]
CEXT_B6[1:0]
CEXT_B5[1:0]
Table 100. I2C registers summary (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com