Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA381BWS Datasheet(PDF) 117 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 113Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 114Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 115Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 116Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 117Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 118Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 119Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 120Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 174 page
background image
DocID018937 Rev 7
117/174
STA381BWS
Register description: Sound Terminal compatibility
7.5.1
Noise-shaper bandwidth selection
7.5.2
AM mode enable
The STA381BWS features an FFX processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when FFX is
operating in a device with an active AM tuner. The SNR of the FFX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
7.5.3
PWM speed mode
7.5.4
Zero-crossing enable
The ZCE bit enables zero-crossing adjustment. When volume is adjusted on digital zero-
crossing, no clicks are audible.
7.5.5
Soft volume update enable
Table 119. Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: Third order NS
0: Fourth order NS
Table 120. AM mode enable
Bit
R/W
RST
Name
Description
3
R/W
0
AME
0: Normal FFX operation
1: AM reduction mode FFX operation
Table 121. PWM speed mode
Bit
R/W
RST
Name
Description
4
R/W
0
PWMS
0: Normal speed (384 kHz) all channels
1: Odd speed (341.3 kHz) all channels. Not suitable for
binary BTL mode.
Table 122. Zero-crossing enable
Bit
R/W
RST
Name
Description
6
R/W
0
ZCE
1: Volume adjustments only occur at digital zero-crossing
0: Volume adjustments occur immediately
Table 123. Soft volume update enable
Bit
R/W
RST
Name
Description
7
R/W
1
SVE
1: Volume adjustments ramp according to SVR settings
0: Volume adjustments occur immediately
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com