Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA381BWS Datasheet(PDF) 160 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 156Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 157Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 158Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 159Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 160Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 161Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 162Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 163Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BWS
160/174
DocID018937 Rev 7
Table 174. Manual threshold register 0x2E, 0x2F and 0x5E
7.25
Headphone/Line out configuration register (address 0x55)
D7
D6
D5
D4
D3
D2
D1
D0
ReservedT
Reserved
MTH[21:16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
MTH[15:8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
MTH[7:0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
HPLN
Reserved
MUTE
Reserved
CPFEN
CPOK
ABFAULT
DCROK
00100
NA
NA
NA
Table 175. Headphone/Line out configuration bits
Bit
R/W
RST
Name
Description
7
R/W
0
HPLN
When F3X is connected to the internal HP/Line
driver this bit selects the gain of the F3X->analog out
path.
0: HP out. When the MVOL+Channel Vol is 0 dBFs,
a 0 dBFs input will generate a 40 mW output on a
32 ohm load (+/- 3.3 V supply).
1:Line out. When the MVOL+Channel Vol is
0 dBFs, a 0 dBFs input will generate a 2 Vrms output
(+/- 3.3 V supply)
5
R/W
1
MUTE
1: HP/Line out muted
0: HP/Line out playing
3
R/W
0
CPFEN
0: Charge pump auto enable when unmute
1: Charge pump is always enabled
2
R
NA
CPOK
0: Charge pump is not working
1: Charge pump is working and it is OK
1
R
NA
ABFAULT
0: No fault on class-AB
1: Overcurrent fault detected on class-AB
0
R
NA
DCROK
1: core supply OK
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com