Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9945 Datasheet(PDF) 111 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 107Page - STMicroelectronics L9945_V01 Datasheet HTML 108Page - STMicroelectronics L9945_V01 Datasheet HTML 109Page - STMicroelectronics L9945_V01 Datasheet HTML 110Page - STMicroelectronics L9945_V01 Datasheet HTML 111Page - STMicroelectronics L9945_V01 Datasheet HTML 112Page - STMicroelectronics L9945_V01 Datasheet HTML 113Page - STMicroelectronics L9945_V01 Datasheet HTML 114Page - STMicroelectronics L9945_V01 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 144 page
background image
6.1.3
BIST & HWSC
The device features a Built-In Self-Test (BIST) and a HardWare Self-Check (HWSC).
For functional safety considerations, internal disable structures must operate always correctly and reliably. To
accomplish this, the disable sources paths and the VDD5 overvoltage detection block are self-checked by the
device:
•
BIST covers the digital domain of disable-related functions;
•
HWSC covers the analog domain of the VDD5 overvoltage comparator.
In case of BIST or HWSC failure, all channels except 7 and 8 are disabled. BIST is always followed by HWSC to
ensure full coverage of digital and analog domains. The sequence is performed in less than 3 ms, and is run:
•
After each NRES release (POR assertion does not imply BIST & HWSC sequence execution);
•
On demand, programming the BIST_RQ bit via SPI.
Note:
Due to device configuration reset during BIST, the procedure must be executed prior to channel configuration
applied.
The procedure starts with BIST. During BIST execution:
•
The BIST_DONE latch is set low;
•
All output drivers (including 7 and 8) are three-stated;
•
All the device registers are reset, except SPI latches (UV/OV events, disable events, etc.).
BIST checks the correct function of the disable logic to the gate drive of the outputs:
•
Switch OFF paths from DIS, NDIS, EN6, including the bidirectional NDIS output;
•
Switch OFF path from Communication Check;
•
Switch OFF path from HWSC/BIST;
•
Switch OFF path from OV/UV detection block.
BIST also checks that the implemented timers can be stopped (e.g. communication check timeout).
The BIST_DONE latch is set high once BIST has terminated.
•
In case the procedure detects an error, the BIST_DIS latch is set and all outputs, except 7 and 8, are kept
actively turned off. Channels 7 and 8 are kept in three-state.
•
In case BIST detected no error, the outputs are kept in three-state
HWSC follows BIST and checks the functionality of VDD5 overvoltage detection mechanism. HWSC lasts
tHWSC_DUR. During such interval, the outputs 1-6 are kept OFF actively by asserting the HWSC_DIS internal
signal; channels 7-8 are still in three-state, since the BIST executed previously. After tHWSC_DUR has expired, the
HWSC_DONE latch is set high and the self check result will be available via SPI reading the HWSC_DIS signal
status. Two cases can occur:
•
HWSC failed: the signal HWSC_DIS is kept high and disables (actively) all the outputs except 7 and 8;
•
HWSC passed: the signal HWSC_DIS is set low and the disable is released.
If both BIST and HWSC are successful, BIST_DIS and HWSC_DIS disable signals are released and the outputs
can be configured and enabled normally. If one among BIST and HWSC failed, channels 1-6 are kept disabled,
regardless of the configuration applied; channels 7-8 can still be enabled.
BIST and HWSC sequence is stopped in case of a reset condition:
•
NRES set low;
•
POR.
Note:
When configured as H-Bridge, channels 7 and 8 are handled like other channels and are disabled in case of
BIST/HWSC failure.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 111/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com