Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9945 Datasheet(PDF) 116 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 112Page - STMicroelectronics L9945_V01 Datasheet HTML 113Page - STMicroelectronics L9945_V01 Datasheet HTML 114Page - STMicroelectronics L9945_V01 Datasheet HTML 115Page - STMicroelectronics L9945_V01 Datasheet HTML 116Page - STMicroelectronics L9945_V01 Datasheet HTML 117Page - STMicroelectronics L9945_V01 Datasheet HTML 118Page - STMicroelectronics L9945_V01 Datasheet HTML 119Page - STMicroelectronics L9945_V01 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
Figure 29. FSM describing diagnostic priority
NO
1
1
1
0
0
X
0
0
0
1
1
1
0
0
1
1
1
0
1
0
EN
0
0
Notes:
GADG1003170942PS
SPI READOUT
EN
NON
EN
NON
STB/STG FAIL
Legenda:
Default state
Transition without fault
Transition with fault
via SPI)
also to control
input (applies
channel control
the generic
NON refers to
en_OUT_xx bit
EN refers to the
default state
events lead to
SPI readout
POR, NRES and
turn OFF
to output active
OC failure leads
EN
NON
EN
NON
VOL FAIL
EN
EN
NON
EN
NON
NON
NON
LVT FAIL
NON
VOL FAIL
NON
NON
FAILURE
OC
NON
FAILURE
OL
FAILURE
STG/STB
STG/STB
NO
FAILURE
NO
EN = 0
DIAG
NO OC
EN
NON
VOL FAIL
Note:
In case a diagnostic event occurs during SPI readout, such event is latched and provided with the next
diagnostic request.
6.3
ON state diagnostics
The following diagnostic codes can be set during the output ON state:
•
The diagnostic code corresponding to normal operation while in ON state is "No OC failure" (101);
•
The "No failure" (100) code will be reported only once, after an OFF->ON transition, assuming that "No
OL/STG/STB failure" latch was set while in OFF state and "No OC failure" is detected;
•
The "OC failure" (001) or "OC pin failure" (000) codes will be reported in case of overcurrent detection.
This device protects the external FET against overcurrent (OC) during the ON phase. The device features an
analog comparator with a programmable overcurrent threshold. Sensing is performed measuring the voltage drop
on an external element and comparing it to the programmed threshold. Such threshold can be compensated
against battery and temperature variations for specific applications.
6.3.1
Behavior in case of OC detection
If an OC event is detected, the output is actively shut off and the "OC failure" message is encoded in the
diag_xx[2-0] bit. To prevent FET damage, in case the normal operation gate charge/discharge currents are low (1
mA or 5 mA), the device selects a higher shut off current among the ones available through GCC_config_xx. By
programming the GCC_override_config, it is possible to select the entity of current increase in case of OC, as
shown in the table below. These settings are in common between all channels.
Table 37. Selection of fast shutdown currents in case of OC detection
GCC_override_config
IPU or IPD [mA]
0
1 → 5
5 → 20
L9945
Safety & diagnostics
DS12275 - Rev 10
page 116/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com