Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9945 Datasheet(PDF) 134 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 130Page - STMicroelectronics L9945_V01 Datasheet HTML 131Page - STMicroelectronics L9945_V01 Datasheet HTML 132Page - STMicroelectronics L9945_V01 Datasheet HTML 133Page - STMicroelectronics L9945_V01 Datasheet HTML 134Page - STMicroelectronics L9945_V01 Datasheet HTML 135Page - STMicroelectronics L9945_V01 Datasheet HTML 136Page - STMicroelectronics L9945_V01 Datasheet HTML 137Page - STMicroelectronics L9945_V01 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 144 page
background image
8
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
TQFP64 (10x10x1 mm exp. pad down) package information
Figure 40. TQFP64 (10x10x1 mm exp. pad down) package outline
SECTION B-B
S
L
b1
c
c1
(b)
(L1)
R1
R2
GAUGE PLANE
θ
7278840_Rev9.0_PkgCode_9I
D
N
(N-4) x
1
2
3
D1
E
E1
D
A
A
A
(see SECTION A-A)
A
A2
A1
C
H
ccc C
e
b
D2
D3
E3 E2
D1/4
E1/4
B
4x N/4 TIPS
4x
D1/4
E1/4
─ 0.05
aaa C A-B D
bbb H A-B D
A
M
D
GAPGPS03451
BOTTOM VIEW
SECTION A-A
WITH PLATING
θ2
θ1
θ3
BASE METAL
ddd
TOP VIEW
L9945
Package information
DS12275 - Rev 10
page 134/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com