Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA62CGV6 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32WBA62CGV6
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CGV6 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32WBA62CGV6 Datasheet HTML 121Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 122Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 123Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 124Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 125Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 126Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 127Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 128Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 185 page
background image
DS14736 Rev 1
125/185
STM32WBA6xxx
Electrical characteristics
169
Caution:
Any floating input pin can settle to an intermediate voltage level or switch inadvertently, as a
result of external electromagnetic noise. To avoid current consumption related to floating
pins, they must be configured in analog mode, or forced internally to a definite digital value.
This can be done by using pull-up/down resistors, or by configuring the pins in output mode.
I/O dynamic current consumption
The I/Os used in application increase the consumption measured previously (see Table 55).
When an I/O pin switches, it uses the current from the I/O supply voltage to supply the pin
circuitry, and to charge/discharge the capacitive load (internal and external) connected to it:
where:
•
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
•
VDD is the I/O supply voltage
•
fSW is the I/O switching frequency
•
C is the total capacitance seen by the I/O pin: C = CINT + CEXT + CS
–CINT is the I/O pin capacitance
–CEXT is any connected external device pin capacitance
–CS is the PCB board capacitance
The pin is configured in push-pull output mode, and is toggled by software at a fixed
frequency.
On-chip peripheral current consumption
The power consumption of the digital part of the peripherals is given in Table 55, while that
of the analog part (when applicable) is indicated in the related sections.
The MCU is put under the following conditions:
•
All I/O pins are in analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
The ambient operating temperature and supply voltage conditions summarized in
Table 30
ISW
VDD fSW C
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com