Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA65CGV6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32WBA65CGV6
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CGV6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32WBA65CGV6 Datasheet HTML 106Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 107Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 108Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 109Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 110Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 111Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 112Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 113Page - STMicroelectronics STM32WBA65CGV6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
110/185
DS14736 Rev 1
5.3.6
Embedded reset and power control block characteristics
The parameters in Table 42 are derived under ambient temperature and supply voltage
conditions summarized in Table 30.
Table 41. Operating conditions at power-up / power-down(1)
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
ULPMEN = 0
20
∞
Standby mode with ULPMEN = 1
250
∞
ms/V
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 42. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(1)
Reset temporization after VBOR0 threshold detection VDD rising
-
-
900
μs
VBOR0(2)
Brown-out reset threshold 0
VDD rising
1.60
1.66
1.71
V
VDD falling
1.58
1.64
1.69
VBOR1(2)
Brown-out reset threshold 1
VDD rising
1.98
2.08
2.17
VDD falling
1.90
2.00
2.10
VBOR2(2)
Brown-out reset threshold 2
VDD rising
2.18
2.29
2.39
VDD falling
2.08
2.18
2.25
VBOR3(2)
Brown-out reset threshold 3
VDD rising
2.48
2.59
2.70
VDD falling
2.39
2.50
2.61
VBOR4(2)
Brown-out reset threshold 4
VDD rising
2.76
2.88
3.00
VDD falling
2.67
2.79
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com