| Electronic Components Datasheet Search |
|
TMS320F2811PBKA Datasheet(PDF) 154 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F2811PBKA Datasheet(HTML) 154 Page - Texas Instruments |
|
154 / 174 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TMS320F2810PBKA Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 320F2810PBKA TMS TMS320F2810PBKA.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 320F2810PBKA TMS TMS320F2810PBKAG4 Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKA TMS TMS320F2810PBKAG4.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKA TMS TMS320F2810PBKQ Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKQ TMS TMS320F2810PBKQ.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKQ TMS TMS320F2810PBKQR Active Production LQFP (PBK) | 128 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKQ TMS TMS320F2810PBKQR.A Active Production LQFP (PBK) | 128 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKQ TMS TMS320F2810PBKS Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKS TMS TMS320F2810PBKS.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKS TMS TMS320F2810PBKSG4 Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKS TMS TMS320F2810PBKSG4.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2810PBKS TMS TMS320F2811PBKA Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 320F2811PBKA TMS TMS320F2811PBKA.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 320F2811PBKA TMS TMS320F2811PBKAG4 Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2811PBKA TMS TMS320F2811PBKAG4.A Active Production LQFP (PBK) | 128 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 320F2811PBKA TMS Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |