Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C3665PVC Datasheet(PDF) 109 Page - Infineon Technologies AG

Part # CY8C3665PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC Datasheet(HTML) 109 Page - Infineon Technologies AG

Back Button CY8C3665PVC Datasheet HTML 105Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 106Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 107Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 108Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 109Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 110Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 111Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 112Page - Infineon Technologies AG CY8C3665PVC Datasheet HTML 113Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 108 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.11 Programmable Gain Amplifier
The PGA is created using a SC/CT analog block; see the PGA component datasheet in PSoC Creator for full electrical specifications
and APIs.
Unless otherwise specified, operating conditions are:
Operating temperature = 25 °C for typical values
Unless otherwise specified, all charts and graphs show typical values.
Figure 11-73. PGA Voffset Histogram, 4096 samples/
1024 parts
Table 11-42. PGA DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Vin
Input voltage range
Power mode = minimum
Vssa
–
Vdda
V
Vos
Input offset voltage
Power mode = high,
gain = 1
––
10
mV
TCVos
Input offset voltage drift with
temperature
Power mode = high,
gain = 1
––
±30
µV/°C
Ge1
Gain error, gain = 1
–
–
±0.15
%
Ge16
Gain error, gain = 16
–
–
±2.5
%
Ge50
Gain error, gain = 50
–
–
±5
%
Vonl
DC output nonlinearity
Gain = 1
–
–
±0.01
% of FSR
Cin
Input capacitance
–
–
7
pF
Voh
Output voltage swing
Power mode = high,
gain = 1, Rload = 100 k
Ω to
VDDA / 2
VDDA – 0.15
–
–
V
Vol
Output voltage swing
Power mode = high,
gain = 1, Rload = 100 k
Ω to
VDDA / 2
––
VSSA + 0.15
V
Vsrc
Output voltage under load
Iload = 250 µA, Vdda
≥ 2.7V,
power mode = high
––
300
mV
Idd
Operating current[67]
Power mode = high
–
1.5
1.65
mA
PSRR
Power supply rejection ratio
48
–
–
dB
Note
67. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com