Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C3665PVC-LP Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 114Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 115Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 116Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 117Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 118Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 119Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 120Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 121Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 117 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.7.3 Nonvolatile Latches (NVL)
11.7.4 SRAM
Table 11-65. NVL DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Erase and program voltage
VDDD pin
1.71
–
5.5
V
Table 11-66. NVL AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
NVL endurance
Programmed at 25 °C
1K
–
–
program/
erase
cycles
Programmed at 0 °C to 70 °C
100
–
–
program/
erase
cycles
NVL data retention time
Ambient temp. TA ≤ 55 °C
20
–
–
years
Ambient temp. TA ≤ 85 °C
10
–
–
Ambient temp. TA ≤ 105 °C,
≤ one year at TA ≥ 75 °C [81]
10
–
–
Table 11-67. SRAM DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VSRAM
SRAM retention voltage[82]
1.2
–
–
V
Table 11-68. SRAM AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FSRAM
SRAM operating frequency
DC
–
80.01
MHz
Notes
81. Cypress provides a retention calculator to calculate the retention lifetime based on customers' individual temperature profiles for operation over the –40 °C to +105 °C
ambient temperature range. Contact customercare@cypress.com.
82. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com