| Electronic Components Datasheet Search |
|
CY8C5285PVC Datasheet(PDF) 133 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C5285PVC Datasheet(HTML) 133 Page - Infineon Technologies AG |
|
133 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 132 of 139 PSoC® 5LP: CY8C58LP Family Datasheet 14. Acronyms Table 14-1. Acronyms Used in this Document Acronym Description abus analog local bus ADC analog-to-digital converter AG analog global AHB AMBA (advanced microcontroller bus archi- tecture) high-performance bus, an Arm data transfer bus ALU arithmetic logic unit AMUXBUS analog multiplexer bus API application programming interface APSR application program status register Arm® advanced RISC machine, a CPU architecture ATM automatic thump mode BW bandwidth CAN Controller Area Network, a communications protocol CMRR common-mode rejection ratio CPU central processing unit CRC cyclic redundancy check, an error-checking protocol DAC digital-to-analog converter, see also IDAC, VDAC DFB digital filter block DIO digital input/output, GPIO with only digital capabilities, no analog. See GPIO. DMA direct memory access, see also TD DNL differential nonlinearity, see also INL DNU do not use DR port write data registers DSI digital system interconnect DWT data watchpoint and trace ECC error correcting code ECO external crystal oscillator EEPROM electrically erasable programmable read-only memory EMI electromagnetic interference EMIF external memory interface EOC end of conversion EOF end of frame EPSR execution program status register ESD electrostatic discharge ETM embedded trace macrocell FIR finite impulse response, see also IIR FPB flash patch and breakpoint FS full-speed GPIO general-purpose input/output, applies to a PSoC pin HVI high-voltage interrupt, see also LVI, LVD IC integrated circuit IDAC current DAC, see also DAC, VDAC IDE integrated development environment I2C, or IIC Inter-Integrated Circuit, a communications protocol IIR infinite impulse response, see also FIR ILO internal low-speed oscillator, see also IMO IMO internal main oscillator, see also ILO INL integral nonlinearity, see also DNL I/O input/output, see also GPIO, DIO, SIO, USBIO IPOR initial power-on reset IPSR interrupt program status register IRQ interrupt request ITM instrumentation trace macrocell LCD liquid crystal display LIN Local Interconnect Network, a communications protocol. LR link register LUT lookup table LVD low-voltage detect, see also LVI LVI low-voltage interrupt, see also HVI LVTTL low-voltage transistor-transistor logic MAC multiply-accumulate MCU microcontroller unit MISO master-in slave-out NC no connect NMI nonmaskable interrupt NRZ non-return-to-zero NVIC nested vectored interrupt controller NVL nonvolatile latch, see also WOL opamp operational amplifier PAL programmable array logic, see also PLD PC program counter PCB printed circuit board PGA programmable gain amplifier Table 14-1. Acronyms Used in this Document (continued) Acronym Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |