Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEK6 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32H533CEK6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK6 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32H533CEK6 Datasheet HTML 112Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 113Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 114Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 115Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 116Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 117Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 118Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 119Page - STMicroelectronics STM32H533CEK6 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 231 page
background image
Electrical characteristics
STM32H533xx
116/231
DS14539 Rev 1
APB1
CEC
0.15
0.12
0.12
0.12
μA/MHz
CRS
0.26
0.22
0.21
0.21
FDCAN1
6.36
5.58
5.12
4.66
I2C1
0.54
0.47
0.45
0.42
I2C2
0.57
0.51
0.47
0.47
I3C1
0.29
0.27
0.25
0.24
LPTIM2
1.03
0.9
0.83
0.79
SPI2/I2S2
1.11
0.98
0.9
0.84
SPI3/I2S3
1.07
0.94
0.86
0.82
TIM12
1.35
1.19
1.09
1.03
TIM7
0.53
0.47
0.43
0.4
TIM6
0.53
0.47
0.42
0.4
TIM5
2.82
2.49
2.27
2.09
TIM4
2.41
2.13
1.94
1.79
TIM3
2.37
2.08
1.91
1.76
TIM2
2.79
2.45
2.24
2.05
DTS
1.54
1.33
1.23
1.15
UART4
1.16
1.03
0.93
0.88
UART5
1.15
1.02
0.92
0.88
UCPD1
1.14
0.98
0.9
0.85
USART2
1.28
1.13
1.04
0.96
USART3
1.29
1.14
1.06
0.98
USART6
1.27
1.13
1.02
0.97
WWDG1
1.41
0.29
0.27
0.25
APB1
0.32
1.26
1.14
1.03
APB2
SPI1/I2S1
1.01
0.89
0.81
0.74
μA/MHz
SPI4
1.06
0.94
0.86
0.77
TIM1
4.64
4.09
3.75
3.42
TIM15
2.41
2.14
1.96
1.78
TIM8
4.55
4
3.69
3.34
USART1
1.30
1.15
1.05
0.94
USBFS
2.48
2.17
1.99
1.78
APB2
0.68
0.59
0.53
0.51
Table 37. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com