Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H533CEU6TR Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32H533CEU6TR
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6TR Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32H533CEU6TR Datasheet HTML 222Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 223Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 224Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 225Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 226Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 227Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 228Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 229Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 231 page
background image
Package information
STM32H533xx
226/231
DS14539 Rev 1
6.10
Package thermal characteristics
The maximum chip-junction temperature, TJmax in degrees Celsius, can be calculated using
the following equation:
TJmax = TAmax + (PDmax × ΘJA)
Where:
•
TAmax is the maximum ambient temperature in °C,
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W,
•
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax),
•
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
PI/Omax represents the maximum power dissipation on output pins:
PI/Omax = Σ (VOL × IOL) + Σ((VDD – VOH) × IOH),
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the
application.
Table 130. Package thermal characteristics
Symbol
Definition
Parameter
Value
Unit
ΘJA
Thermal resistance
junction-ambient
WLCSP39 (2.76 x 2.78 mm)
65.3
°C/W
UFQFPN48 (7 x 7 mm)
28.5
LQFP48 (7 x 7 mm)
51.2
LQFP64 (10 x 10 mm)
44.2
LQFP100 (14 x 14 mm)
36.4
UFBGA100 (7 x 7 mm)
50
LQFP144 (20 x 20 mm)
37.9
UFBGA144 (10 x 10 mm)
45.5
ΘJB
Thermal resistance
junction-board
WLCSP39 (2.76 x 2.78 mm)
38
°C/W
UFQFPN48 (7 x 7 mm)
12.9
LQFP48 (7 x 7 mm)
28.6
LQFP64 (10 x 10 mm)
26.6
LQFP100 (14 x 14 mm)
22.3
UFBGA100 (7 x 7 mm)
35.8
LQFP144 (20 x 20 mm)
26.7
UFBGA144 (10 x 10 mm)
33.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com