Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7569ASTZF16-RL Datasheet(PDF) 109 Page - Analog Devices

Part # ADE7569ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16-RL Datasheet(HTML) 109 Page - Analog Devices

Back Button ADE7569ASTZF16-RL Datasheet HTML 105Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 106Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 107Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 108Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 109Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 110Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 111Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 112Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 109 of 144
TIMERS
Each ADE7566/ADE7569/ADE7166/ADE7169 has three 16-bit
timer/counters: Timer/Counter 0, Timer/Counter 1, and Timer/
Counter 2. The timer/counter hardware is included on-chip to
relieve the processor core of overhead inherent in implementing
timer/counter functionality in software. Each timer/counter con-
sists of two 8-bit registers: THx and TLx (x = 0, 1, or 2). All three
timers can be configured to operate as timers or as event counters.
When functioning as a timer, the TLx register is incremented
every machine cycle. Thus, users can think of it as counting
machine cycles. Because a machine cycle on a single cycle core
consists of one core clock period, the maximum count rate is
the core clock frequency.
When functioning as a counter, the TLx register is incremented
by a 1-to-0 transition at its corresponding external input pin:
T0, T1, or T2. When the samples show a high in one cycle and a
low in the next cycle, the count is incremented. Because it takes
two machine cycles (two core clock periods) to recognize a 1-to-0
transition, the maximum count rate is half the core clock frequency.
There are no restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled at least once
before it changes, it must be held for a minimum of one full
machine cycle. User configuration and control of all timer
operating modes is achieved via the SFRs in Table 102.
Table 102. Timer SFRs
SFR
Address
Bit Addressable
Description
TCON
0x88
Yes
Timer/Counter 0 and Timer/Counter 1 Control (see Table 104).
TMOD
0x89
No
Timer/Counter 0 and Timer./Counter 1 Mode (see Table 103).
TL0
0x8A
No
Timer 0 Low Byte (see Table 107).
TL1
0x8B
No
Timer 1 Low Byte (see Table 109).
TH0
0x8C
No
Timer 0 High Byte (see Table 106).
TH1
0x8D
No
Timer 1 High Byte (see Table 108).
T2CON
0xC8
Yes
Timer/Counter 2 Control (see Table 105).
RCAP2L
0xCA
No
Timer 2 Reload/Capture Low Byte (see Table 113).
RCAP2H
0xCB
No
Timer 2 Reload/Capture High Byte (see Table 112).
TL2
0xCC
No
Timer 2 Low Byte (Table 111).
TH2
0xCD
No
Timer 2 High Byte (see Table 110).
TIMER REGISTERS
Table 103. Timer/Counter 0 and Timer/Counter 1 Mode SFR (TMOD, 0x89)
Bit
Mnemonic
Default
Description
7
Gate1
0
Timer 1 Gating Control. Set by software to enable Timer/Counter 1 only when the INT1 pin is high and the
TR1 control is set. Cleared by software to enable Timer 1 whenever the TR1control bit is set.
6
C/T1
0
Timer 1 Timer or Counter Select Bit. Set by software to select counter operation (input from T1 pin).
Cleared by software to select the timer operation (input from internal system clock).
Timer 1 Mode Select Bits.
T1/M[1:0]
Result
00
TH1 operates as an 8-bit timer/counter. TL1 serves as 5-bit prescaler.
01
16-Bit Timer/Counter. TH1 and TL1 are cascaded; there is no prescaler.
10
8-Bit Autoreload Timer/Counter. TH1 holds a value to reload into TL1 each time it overflows.
5 to 4
T1/M1,
T1/M0
00
11
Timer/Counter 1 Stopped.
3
Gate0
0
Timer 0 Gating Control. Set by software to enable Timer/Counter 0 only when the INT0 pin is high and the TR0
control bit is set. Cleared by software to enable Timer 0 whenever the TR0 control bit is set.
2
C/T0
0
Timer 0 Timer or Counter Select Bit. Set by software to the select counter operation (input from T0 pin).
Cleared by software to the select timer operation (input from internal system clock).
Timer 0 Mode Select Bits.
T0/M[1:0]
Result
00
TH0 operates as an 8-bit timer/counter. TL0 serves as a 5-bit prescaler.
01
16-Bit Timer/Counter. TH0 and TL0 are cascaded; there is no prescaler.
10
8-Bit Autoreload Timer/Counter. TH0 holds a value to reload into TL0 each time it overflows.
1 to 0
T0/M1,
T0/M0
00
11
TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits. TH0 is an
8-bit timer only, controlled by Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com