Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDB36-24-21SN-059 Datasheet(PDF) 120 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 120 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 116Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 117Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 118Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 119Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 120Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 121Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 122Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 123Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 124Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 120
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Keying pin, sz. 16
0413-215-1605
Keying pin, sz. 20
0413-216-2005
MOUNTING FLANGES
Device used to mount a connector to a surface
DRB Series
Flange, DRB, 102 or 128 way, A key
DRBF-1A
Flange, DRB, 102 or 128 way, B key
DRBF-1B
Flange, DRB, 48 or 60 way, A key
DRBF-2A
Flange, DRB, 48 or 60 way, B key
DRBF-2B
Flange, DRB, 48 or 60 way, C key
DRBF-2C
Flange, DRB, 48 or 60 way, D key
DRBF-2D
Flange, DRB, 48 or 60 way, A & B key
DRBF-3AB
Flange, DRB, 102 way, A key, (2) 125 amp terminal posts
DRBM-3A
LEAVYSEAL
Flange adapter, LEAVYSEAL, 15 and 22 way, tab housing, 1 bay, env. sealed
1703806-1
Flange adapter, LEAVYSEAL, 39 and 62 way, tab housing, 1 bay
1718329-1
Flange adapter, LEAVYSEAL, 39 and 62 way, tab housing, 1 bay, env. sealed
2236721-1
Flange adapter, LEAVYSEAL, 39 and 62 way, tab housing, 2 bays
1813123-1
Flange adapter, LEAVYSEAL, 39 and 62 way, tab housing, 2 bays, 1 bay closed
1813123-2
Flange adapter, LEAVYSEAL, 39 and 62 way, tab housing, 4 bays, env. sealed
2138002-1
MOUNTING HARDWARE
Device used to assist in mounting a connector to a surface
AMPSEAL 16
Mounting clip, AMPSEAL 16, plastic, black, without anti-rotational feature
1924487-1
Mounting clip, AMPSEAL 16, plastic, black, with anti-rotational feature
1924487-2
Mounting clip, AMPSEAL 16 hybrid lever, 5 mm panel, red
2138852-1
Mounting clip, AMPSEAL 16 hybrid lever, 4 mm panel, yellow
2138852-2
Mounting clip, AMPSEAL 16 hybrid lever, 3 mm panel, black
2138852-3
Wire cover, AMPSEAL 16 hybrid lever, 90°
2138853-1
Circular DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com