| Electronic Components Datasheet Search |
|
DT13-36PABC-R015 Datasheet(PDF) 160 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
DT13-36PABC-R015 Datasheet(HTML) 160 Page - TE Connectivity Ltd |
|
160 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 160 GLOSSARY TERM DEFINITION E End Cap A protective cover integral to, or sonically welded onto the rear of a connector. Enhanced Keying Additional keying or polarization to help prevent mis-mating. Enhanced Seal Retention Modification to the plug, front seal, and wedgelock to help prevent the seal from separating from the connector during unmating. “E” Seal Reduced diameter insert cavity in the rear grommet. Creates a proper seal with smaller than standard wire or insulation. Also referred to as extra thin or European seal. “E” seals are smaller than “N” and “T” seals. F Flange A flat, perpendicular extension of the connector body. Flanges are used for mounting and are typically found on receptacles. Flange Seal Elastomeric silicone seal used between flange and mounting surface to prevent leakage around the mounting cutout. Front Seal Elastomeric silicone seal or o-ring on the mating face of a connector. The front seal is also referred to as an interfacial seal and is usually found on the plug. G Grommet Rubber or elastomeric seal. On connectors the grommet is on the rear or cable end of the connector and has the cavities through which the contact is inserted into the connector body. H Header Flanged connector designed for wire to printed circuit board applications. I In-line Connectors that are not intended for use in mounted or PCB applications. Interface The surfaces of a mating pair of connectors that face each other when connected. Internal Seal Waterproof form, typically made of silicone elastomer, that is inside the body of the connector. Provides moisture and fluid resistance when connectors are properly mated. K Key Unique pattern of corresponding notches and projections on a set of mating connectors. The projections are intended to match the notches and prevent mis-mating. Keying Pin Solid plastic rod designed to be inserted into an empty socket cavity to help prevent mis-mating. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |