Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMBA0ES Datasheet(PDF) 158 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 158 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 162Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
FCCUx_RESET[1:0]
FCCUx event reaction
00
No reset (only FS0B)
01
Soft reset (FS0B + supply recovery)
10
Hard reset (full power reset)
11
No reset (only FS0B)
Table 207. FCCUx reaction configuration bit
FCCU monitoring is always disabled during the Low-power STANDBY and OFF states.
In the Monitored STANDBY state, the system is considered to be in the safe state with the FS0B asserted LOW.
In this scenario, the FCCU interface is able to detect a real-time fault condition on the FCCUx pins by reading
the FCCUx_S bits, however no fault reaction or FCCU interrupts will be generated while the system is in the
Monitored STANDBY state.
Full FCCU monitoring is available during the RUN state as described in this section.
When the FCCU is enabled, the device starts monitoring the FCCU inputs from the MCU as soon as it enters
the RUN state.
At power up, the MCU may not have proper control of the FCCU signals, which may result in random fault
conditions observed in the FCCU pins during the booting phase. To prevent any false protection, the FCCU
interface is defaulted to have effect only over the FS0B pin.
When the MCU is able to provide proper signals in the FCCU pins, it can then configure the system reaction
mode and then proceed to release the FS0B to start monitoring the system during normal operation. Refer to
section 16.4.2 Reset Conditions for detail description of the soft and hard reset reactions.
The FCCU interface will detect and react to a new fault condition only while the FS0B is released. Fault
conditions detected while the FS0B is already asserted LOW will not increase the fault counter nor start any
protective reaction.
An FCCU fault detection will always assert the FS0B pin. If the FCCU interface is detecting a fault condition, the
FS0B will not be released until all fault conditions are removed.
The FCCU pins have configurable internal pullup or pulldown resistors, to ensure a pin disconnect is properly
detected as a fault condition. By default, the internal pull resistors are enabled at power up, and the system can
disable the pull resistor during the SYSTEM ON states via the respective FCCUx_RPULL_EN bits.
FCCUx_RPULL_EN
FCCU Internal pull resistors
0
Internal resistor disabled
1
Internal resistor enabled
Table 208. FCCUx internal pull resistor selection bits
The direction of the internal pull resistors is automatically selected based on the mode of operation and the
selected pin polarity, as described in the following sections.
14.7.1 FCCU full bistable operation
When OTP_FCCU0_MODE[1:0] = 11 and OTP_FCCU1_MODE[1:0] = 00 or 01, the FCCU interface will be set
to full bistable mode by default. In this mode, both the FCCU0 and FCCU1 will be set to detect a bistable fault
condition when the state machine is in the RUN or Monitored STANDBY state.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
158 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com