Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMBA2ES Datasheet(PDF) 168 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 168 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 167Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 170Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 171Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 172Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
unit in charge of the voltage generation and safety monitoring functions is healthy and operational. The DMS is
intended to provide high coverage to detect single-point and latent faults due to random faults in the main digital
control unit (DCU).
The DMS is a fully independent, standalone mechanism with a dedicated internal digital supply and clock
generation, as well as its own independent logic performing key sanity checks on the main digital control logic.
DMS2M
interface
Safety digital control unit
DMS registers
Digital machine supervisor
Main DCU interface
●
FS0B status
●
RSTB status
●
CUTOFF status
●
Critical fault status
●
Safety handshake
●
Register loading
aaa-056087
BGMON
VDIG OV
DMS digital
supply
M2DMS
interface
SHS
FS0B
sDriver
RSTB
sDriver
DMS clock
Power
cutoff
Power
cutoff
RSTB
FS0B
VDIG
BG1
VDIG OV
20 MHz clock
100 kHz clock
CLK MON
FCCU interface
ERRMON interface
WD timer
I2C
interface
DVS2
BG2
OV
UV
DV TH
UV TH
PGOOD
SWxINB
Main OTP registers
SW
logic
control
SW
controller
DVS1
BG1
COMP/
DC gen
Main FNC registers
LBIST
VMON
SWx
Main digital control unit
BG1
BG2
BGMON
RSTB
control
FS0B
control
VMON
STAT
VMON
logic
control
SWxLXA
Power cutoff
SWxFB
Figure 46. Digital machine supervisor block diagram
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
168 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com