Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 131Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 132Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 133Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 134Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 135Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 136Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 137Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 138Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 311 page
background image
DS12903 Rev 2
135/311
STM32L4P5xx
Electrical characteristics
277
6.1.6
Power supply scheme
Figure 26. STM32L4P5xx power supply scheme
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA etc.) must be decoupled with filtering ceramic
capacitors as shown above. These capacitors must be placed as close as possible to, or
below, the appropriate pins on the underside of the PCB to ensure the good functionality of
the device.
MSv45701V2
VDDIO2
VDD
IO
logic
Kernel logic
(CPU, Digital
& Memories)
Backup circuitry
(LSE, RTC,
Backup registers)
IN
OUT
Regulator
GPIOs
1.55 – 3.6 V
IN
OUT
GPIOs
n x 100 nF
+1 x 4.7 μF
m x100 nF
IO
logic
+4.7 μF
m x VDDIO2
m x VSS
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO2
VDDIO1
ADCs/
DACs/
OPAMPs/
COMPs/
VREFBUF
VREF+
VREF-
VDDA
10 nF
+1 μF
VDDA
VSSA
VREF
100 nF
+1 μF
1.00 – 1.32 V
2 x VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com