Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 151Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 152Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 153Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 154Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 155Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 156Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 157Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 158Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 311 page
background image
Table 35. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage
scaling
25°C
25°C
25°C
25°C
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up
to 48 MHZ
included, bypass
mode PLL ON
above 48 MHz all
peripherals
disable
Range2
fHCLK=26MHz
Reduced code(1)
3.15
3.30
mA
121
127
µA/MHz
Coremark
3.40
3.50
131
135
Dhrystone2.1
3.80
3.70
146
142
Fibonacci
3.45
3.65
133
140
While(1)
2.90
2.90
112
112
Range 1
Normal Mode
fHCLK= 80
MHz
Reduced code(1)
11.00
11.50
mA
138
144
µA/MHz
Coremark
12.50
13.00
156
163
Dhrystone2.1
13.50
13.00
169
163
Fibonacci
12.50
13.00
156
163
While(1)
10.50
10.50
131
131
Range 1
Boost Mode
fHCLK= 120
MHz
Reduced code(1)
17.50
16.00
mA
146
133
µA/MHz
Coremark
19.50
20.00
163
167
Dhrystone2.1
20.00
20.50
167
171
Fibonacci
19.50
21.00
163
175
While(1)
16.50
16.50
138
138
IDD
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2MHz all
pripherals disable
Reduced code(1)
420
420
µA
210
210
µA/MHz
Coremark
435
475
218
238
Dhrystone2.1
485
505
243
253
Fibonacci
475
475
238
238
While(1)
375
515
188
258
1. Reduced code used for characterization results provided in Table 25, Table 29, Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com