Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 160Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 161Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 162Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 163Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 164Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 165Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 166Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 167Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 311 page
background image
Table 43. Current consumption in Low-power sleep mode, Flash in power-down
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°
C
125°
C
25°C 55°C 85°C 105°C
125°C
IDD
(LPSleep)
Supply
current in
Low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
225
605
1700
3300
6100
430
1400 3700
7400
14000
µA
1 MHz
185
585
1700
3250
6050
370
1300 3700
7400
14000
400 KHz
165
560
1650
3250
6050
350
1300 3700
7400
14000
100 KHz
155
550
1650
3250
6050
340
1300 3700
7400
14000
1. Guaranteed by characterization results, unless otherwise specified.
Table 44. Current consumption in Stop 2 mode, SRAM3 disabled
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Stop 2)
Supply
current in
Stop 2 mode,
RTC disabled
RTC disabled
1.8 V
2.90
11.0
42.0
96.5
210
7.7
30
120
255
457
µA
2.4 V
2.90
11.0
42.5
97.5
215
8
31
120
256
467
3 V
2.95
11.0
43.0
98.5
215
8
31
120
258
478
3.6 V
3.00
11.5
43.5
100.0
220
8.3
32
120
261
557
RTC disabled
ENULP=1
1.8 V
2.80
-
-
-
-
-
-
-
-
-
2.4 V
2.85
-
-
-
-
-
-
-
-
-
3 V
2.95
-
-
-
-
-
--
--
3.6 V
2.95
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com