Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 166Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 167Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 168Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 169Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 170Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 171Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 172Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 173Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 311 page
background image
Table 48. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(Standby)
Supply current in Standby
mode (backup registers
retained),
RTC disabled
No independent
watchdog
1.8 V
110
325
1650
4650 13000 178.2 760 3372 8655 22689
nA
2.4 V
120
380
1900
5350 15000 231.5 950 3933 9811 25497
3 V
135
455
2250
6450 17500 269.7 1100 4546 11031 28515
3.6 V
175
560
2750
7700 21000 360.6 1380 5249 12553 32039
No independent
watchdog
ENULP=1
1.8 V
42
-
-
-
-
-
-
-
-
-
2.4 V
60
-
-
-
-
-
-
-
-
-
3 V
86
-
-
-
-
-
-
-
-
-
3.6 V
135
-
-
-
-
-
-
-
-
-
With independent
watchdog
1.8 V
340
-
-
-
-
-
-
-
-
-
2.4 V
415
-
-
-
-
-
-
-
-
-
3 V
500
-
-
-
-
-
-
-
-
-
3.6 V
605
-
-
-
-
-
-
-
-
-
With independent
watchdog
ENULP=1
1.8 V
270
-
-
-
-
-
-
-
-
-
2.4 V
350
-
-
-
-
-
-
-
-
-
3 V
445
-
-
-
-
-
-
-
-
-
3.6 V
565
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com