Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 172Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 173Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 174Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 175Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 176Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 177Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 178Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 311 page
background image
Electrical characteristics
STM32L4P5xx
176/311
DS12903 Rev 2
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 51. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 18:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 51. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 51. STM32L4P5xx peripheral current consumption
Peripheral
Range 1
Boost
Mode
Range 1
Normal
Mode
Range 2
Low-
power run
and sleep
Unit
AHB
Bus matrix
3.361
3.144
2.626
2.772
µA/MHz
ADC independent clock domain
0.254
0.241
0.125
0.750
ADC AHB clock domain
4.917
4.591
4.013
4.627
AES
3.000
2.750
2.150
3.000
CRC
0.534
0.498
0.426
0.405
DMA1
2.556
2.386
1.945
2.203
DMA2
2.644
2.463
2.030
2.179
DMA2D
3.322
3.099
2.525
2.853
DMAMUX
5.850
5.447
4.477
5.217
DCMI
8.498
7.948
6.563
7.503
PSSI
8.498
7.948
6.563
7.503
FLASH
5.836
5.442
4.476
5.101
FSMC
10.215
9.485
7.807
9.043
GPIOA
0.158
0.141
0.142
0.153
GPIOB
0.173
0.150
0.160
0.108
GPIOC
0.189
0.179
0.164
0.090
GPIOD
0.181
0.171
0.159
0.134
GPIOE
0.157
0.143
0.146
0.151
GPIOF
0.178
0.151
0.153
0.340
GPIOG
0.171
0.164
0.164
0.162
GPIOH
0.202
0.193
0.176
0.157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com