Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 244 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 244 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 240Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 241Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 242Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 243Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 244Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 245Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 246Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 247Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 311 page
background image
Electrical characteristics
STM32L4P5xx
244/311
DS12903 Rev 2
Figure 45. SAI master timing waveforms
tv(SD_B_ST) Data output valid time
Slave transmitter (after enable edge)
2.7 ≤ VDD ≤ 3.6
-13
ns
Slave transmitter (after enable edge)
1.71 ≤ VDD ≤ 3.6
-19
Slave transmitter (after enable edge)
1.08V<VDD< 1.32V
-52
Slave transmitter
Voltage Range V2
-23.5
th(SD_B_ST) Data output hold time Slave transmitter (after enable edge)
10
-
tv(SD_A_MT) Data output valid time
Master transmitter (after enable edge)
2.7 ≤ VDD ≤ 3.6
-16.5
Master transmitter (after enable edge)
1.71 ≤ VDD ≤ 3.6
-24
Master transmitter (after enable edge)
1.08V<VDD< 1.32V
-58
th(SD_A_MT) Data output hold time Master transmitter (after enable edge)
10
-
1. Guaranteed by characterization results.
2. APB clock frequency must be at least twice SAI clock frequency.
Table 97. SAI characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
MS32771V1
SAI_SCK_X
SAI_FS_X
(output)
1/fSCK
SAI_SD_X
(transmit)
tv(FS)
Slot n
SAI_SD_X
(receive)
th(FS)
Slot n+2
tv(SD_MT)
th(SD_MT)
Slot n
tsu(SD_MR)
th(SD_MR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com