Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 276 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 276 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 272Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 273Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 274Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 275Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 276Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 277Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 278Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 279Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 311 page
background image
Electrical characteristics
STM32L4P5xx
276/311
DS12903 Rev 2
See the different SDMMC diagrams in Figure 69, Figure 70 and Figure 71 below.
Figure 69. SDIO high-speed mode
Table 123. Dynamics characteristics:
eMMC characteristics at VDD = 1.71 V to 1.9 V(1)(2)
1. Guaranteed by characterization results.
2. Cload = 20 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer
mode
-0
-
52
MHz
-
SDIO_CK/fPCLK2 frequency
ratio
--
-
8/3
-
tW(CKL)
Clock low time
fpp = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fpp = 52 MHz
8.5
9.5
-
CMD, D inputs (referenced to CK) in eMMC mode
tISU
Input setup time HS
-
0.5
-
-
ns
tIH
Input hold time HS
-
4.5
-
-
CMD, D outputs (referenced to CK) in eMMC mode
tOV
Output valid time HS
-
-
6
7.3
ns
tOH
Output hold time HS
-
4
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com