Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 294 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 294 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 290Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 291Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 292Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 293Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 294Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 295Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 296Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 297Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 311 page
background image
Package information
STM32L4P5xx
294/311
DS12903 Rev 2
7.6
UFBGA132 package information
UFGBA132 is a 132-ball, 7 x 7 mm ultra thin fine pitch ball grid array package.
Figure 92. UFBGA132 outline
1. Drawing is not to scale.
Table 130. UFBGA132 mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
0.600
-
-
0.0236
A1
-
-
0.110
-
-
0.0043
A2
-
0.450
-
-
0.0177
-
A3
-
0.130
-
-
0.0051
0.0094
A4
-
0.320
-
-
0.0126
-
b
0.240
0.290
0.340
0.0094
0.0114
0.0134
D
6.850
7.000
7.150
0.2697
0.2756
0.2815
D1
-
5.500
-
-
0.2165
-
E
6.850
7.000
7.150
0.2697
0.2756
0.2815
E1
-
5.500
-
-
0.2165
-
UFBGA132_A0G8_ME_V2
SEATING
PLANE
A4
A1
e
Z
Z
D
A
eee
C A B
fff
Øb (132 balls)
Ø
Ø
M
M
M
E
TOP VIEW
BOTTOM VIEW
12
1
e
A
A2
C
A
B
A1 ball identifier
b
D1
E1
ddd C
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com