Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7232AK1BC Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST7232AK1BC
Description  8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232AK1BC Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST7232AK1BC Datasheet HTML 149Page - STMicroelectronics ST7232AK1BC Datasheet HTML 150Page - STMicroelectronics ST7232AK1BC Datasheet HTML 151Page - STMicroelectronics ST7232AK1BC Datasheet HTML 152Page - STMicroelectronics ST7232AK1BC Datasheet HTML 153Page - STMicroelectronics ST7232AK1BC Datasheet HTML 154Page - STMicroelectronics ST7232AK1BC Datasheet HTML 155Page - STMicroelectronics ST7232AK1BC Datasheet HTML 156Page - STMicroelectronics ST7232AK1BC Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 157 page
background image
ST7232A
156/157
16 REVISION HISTORY
Table 32. Revision History
Date
Revision
Description of Changes
Apr-2005
1
First Release.
Dec-2005
2
Added TQFP44 and SDIP42 sales types
Added -40°C to 105°C and -40°C to 125°C sales types: changes in device summa-
ry on 1st page, Section 12.3.1 on page 115, Section 12.4.1 on page 116, Section
12.7.3.2 on page 127, Section 12.12 on page 137, Figure 85 on page 141 and in
option list on page 148
Added Figure 4 on page 9
Modified Table 1 on page 10
Updated Figure 5 on page 13 and Figure 7 on page 18
Changed reset duration in Section 10.1.3 on page 48
In Section 10.5.4.2 on page 90, changed text in Transmitter / Character Transmis-
sion / Procedure section (when a frame transmission is complete, etc.)
Changed Section 12.7.2 on page 126
Changed data retention on 1st page and in Section 12.6.2 on page 124
Changed note 4 in Section 12.8.1 on page 128
Changed OPT 7 in Section 14.1 on page 145
Modified Section 14.2 on page 147, Section 14.4 on page 149 and Section 14.5 on
page 150
Modified option list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com