Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L462CEI3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32L462CEI3
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEI3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32L462CEI3 Datasheet HTML 99Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 100Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 101Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 102Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 103Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 104Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 105Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 106Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 198 page
background image
Table 35. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Standby)
Supply current
in Standby
mode (backup
registers
retained),
RTC disabled
no independent watchdog
1.8 V
100
270
1200
3300
8650
205
650
3250
9250
25000
nA
2.4 V
110
305
1400
3850
10000
225
750
3750
11000 29000
3 V
125
360
1650
4550
12000
290
950
4450
13000 33500
3.6 V
160
445
2000
5500
14500
355
1150
5250
15000 38500
with independent
watchdog
1.8 V
265
435
1350
3450
8700
-
-
-
-
-
2.4 V
335
540
1650
4100
10500
-
-
-
-
-
3 V
420
655
1950
4850
12500
-
-
-
-
-
3.6 V
580
895
2450
5950
14500
-
-
-
-
-
IDD_ALL
(Standby
with RTC)
Supply current
in Standby
mode (backup
registers
retained),
RTC enabled
RTC clocked by LSI, no
independent watchdog
1.8 V
345
505
1400
3450
8600
720
1150
3750
9550
25000
nA
2.4 V
420
620
1650
4050
10000
875
1450
4400
11500 29000
3 V
510
745
2000
4750
12000
1070
1700
5100
13500 34000
3.6 V
635
915
2450
5900
14500
1320
2100
6000
15500 39000
RTC clocked by LSI, with
independent watchdog
1.8 V
375
540
1450
3550
8800
-
-
-
-
-
2.4 V
490
690
1800
4250
10500
-
-
-
-
-
3 V
620
860
2150
5100
12500
-
-
-
-
-
3.6 V
845
1150
2700
6200
15000
-
-
-
-
-
RTC clocked by LSE
bypassed at 32768Hz
1.8 V
395
-
-
-
-
-
-
-
-
-
nA
2.4 V
500
-
-
-
-
-
-
-
-
-
3 V
625
-
-
-
-
-
-
-
-
-
3.6 V
795
-
-
-
-
-
-
-
-
-
RTC clocked by LSE
quartz (2) in low drive mode
1.8 V
375
550
1500
3550
8800
-
-
-
-
-
2.4 V
460
665
1750
4250
10500
-
-
-
-
-
3 V
565
810
2100
5050
12500
-
-
-
-
-
3.6 V
720
1000
2600
5900
15000
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com