Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WT064KB Datasheet(PDF) 112 Page - Numonyx B.V

Part # M58WT064KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB Datasheet(HTML) 112 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 108Page - Numonyx B.V M58WT064KB Datasheet HTML 109Page - Numonyx B.V M58WT064KB Datasheet HTML 110Page - Numonyx B.V M58WT064KB Datasheet HTML 111Page - Numonyx B.V M58WT064KB Datasheet HTML 112Page - Numonyx B.V M58WT064KB Datasheet HTML 113Page - Numonyx B.V M58WT064KB Datasheet HTML 114Page - Numonyx B.V M58WT064KB Datasheet HTML 115Page - Numonyx B.V M58WT064KB Datasheet HTML 116Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 117 page
background image
Command interface state tables
M58WTxxxKT, M58WTxxxKB
112/117
EFP
Setup
Ready (error)
EFP Busy
Ready (error)
Busy
EFP Busy(6)
Verify
EFP Verify(6)
Quad
EFP
Setup
Quad EFP Busy(6)
Busy
Quad EFP Busy(6)
1.
CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple
Enhanced Factory Program, DWP = Double Word Program, QWP = Quadruple Word Program, P/E. C. = Program/Erase
Controller, PS = program suspend, ES = erase suspend, IS = Illegal state.
2.
At Power-Up, all banks are in read array mode. A Read Array command issued to a busy bank, results in undetermined
data output.
3.
The two cycle command should be issued to the same bank address.
4.
If the P/EC is active, both cycles are ignored.
5.
The Clear Status Register command clears the Status Register error bits except when the P/EC is busy or suspended.
6.
EFP and Quad EFP are allowed only when Status Register bit SR0 is set to ‘0’.EFP and Quad EFP are busy if Block
Address is first EFP Address. Any other commands are treated as data.
Table 44.
Command interface states - modify table, next state(1) (continued)
Current CI State
Command Input
Read
Array(2)
(FFh)
WP
setup(3)(4)
(10/40h)
DWP,
QWP
Setup(3)(4)
(35h, 56h)
Block
Erase
Setup(3)(4)
(20h)
EFP
Setup
(30h)
Quad-EFP
Setup
(75h)
Erase
Confirm, P/E
Resume,
Block Unlock
confirm, EFP
Confirm
(D0h)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(5)
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com