Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8101UG/D Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 96Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 97Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 98Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 99Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 100Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 101Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 102Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 103Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 104Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
Layout Practices
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
4-3
Since the address pins switch once at every second cycle, the address pins frequency is a quarter of the bus
frequency (that is, 25 MHz).
For the same reason the data pins frequency is 3.125 MHz.
Calculating internal power (from Table 2-5 values):
PCORE (200) = ((PCORE – PLCO)/300) × 200 + PLCO =((450 – 3) / 300 × 200 + 3 = 301
PCPM (100) = ((PCPM – PLCP) / 200) × 100 + PLCP = ((320 – 6) / 200) × 100 + 6 = 163
PSIU (50) = ((PSIU – PLSI) / 100) × 50 + PLSI = ((80 – 2) / 100) × 50 + 2 = 41
PINT = PCORE(200) + PCPM(100) + PSIU(50) = 301 + 163 + 41 = 505
PD = PINT + PI/O = 505 + 67 = 572
Maximum allowed ambient temperature is:
TA = TJ – (PD × θJA)
4.4 Layout Practices
Each VCC and VDD pin on the MSC8103 should be provided with a low-impedance path to the board’s power supply.
Similarly, each GND pin should be provided with a low-impedance path to ground. The power supply pins drive
distinct groups of logic on the chip. The VCC power supply should be bypassed to ground using at least four 0.1 µF
by-pass capacitors located as closely as possible to the four sides of the package. The capacitor leads and
associated printed circuit traces connecting to chip VCC, VDD, and GND should be kept to less than half an inch per
capacitor lead. A four-layer board is recommended, employing two inner layers as VCC and GND planes.
All output pins on the MSC8103 have fast rise and fall times. Printed circuit board (PCB) trace interconnection
length should be minimized in order to minimize undershoot and reflections caused by these fast output switching
times. This recommendation particularly applies to the address and data busses. Maximum PCB trace lengths of six
inches are recommended. Capacitance calculations should consider all device loads as well as parasitic
capacitances due to the PCB traces. Attention to proper PCB layout and bypassing becomes especially critical in
systems with higher capacitive loads because these loads create higher transient currents in the VCC, VDD, and GND
circuits. Pull up all unused inputs or signals that will be inputs during reset. Special care should be taken to
minimize the noise levels on the PLL supply pins.
There are 2 pairs of PLL supply pins: VCCSYN-GNDSYN and VCCSYN1-GNDSYN1. Each pair supplies one PLL. To
ensure internal clock stability, filter the power to the VCCSYN and VCCSYN1 inputs with a circuit similar to the one in
Figure 4-2. To filter as much noise as possible, place the circuit as close as possible to VCCSYN and VCCSYN1. The
0.01-µF capacitor should be closest to VCCSYN and VCCSYN1, followed by the 10-µF capacitor, the 10-nH inductor,
and finally the 10-
Ω resistor to V
DD. These traces should be kept short and direct.
Table 4-1.
Power Dissipation
Pins
Number of Pins
Switching
× C
× VDDH2
× f × 10–3
Power in mW
Address
Data, HRD, HRW
CLKOUT
4
34
1
× 30
× 30
× 30
× 3.32
× 3.32
× 3.32
× 12.5 × 10–3
× 3. 125 × 10–3
× 50 × 10–3
16.25
34.75
16
Total PI/O
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com