Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 144Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 145Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 146Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 147Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 148Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 149Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 150Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 151Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 148 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.4.7.13
MMC
Note 1. tPBcyc: PCLKB cycle
Note 2. When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in
combination with the pins in the same group. All MMC AC timings are measured in combination with the pins in the same group.
Figure 2.65
MMC Interface
Table 2.41
MMC Host Interface Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions*2
MMCIF MMC_CLK clock cycle
tMMCPP
2 × tPBcyc
—
ns
Figure 2.65
MMC_CLK clock high level width
tMMCWH
6.5
—
ns
MMC_CLK clock low level width
tMMCWL
6.5
—
ns
MMC_CLK clock rising time
tMMCLH
—3
ns
MMC_CLK clock falling time
tMMCHL
—3
ns
MMC_CMD, MMC_D7 to MMC_D0 output data delay
(data transfer mode)
tMMCODLY
–6.6
6.6
ns
MMC_CMD, MMC_D7 to MMC_D0 input data setup
tMMCISU
8—
ns
MMC_CMD, MMC_D7 to MMC_D0 input data hold
tMMCIH
2.5
—
ns
tMMCPP
tMMCWL
tMMCWH
tMMCHL
tMMCLH
tMMCISU
tMMCIH
tMMCODLY (max)
tMMCODLY (min)
MMC_CLK
MMC_CMD,
MMC_D7 to MMC_D0 input
MMC_CMD,
MMC_D7 to MMC_D0 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com