Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFB Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # R5F5671CDDFB
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFB Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button R5F5671CDDFB Datasheet HTML 167Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 168Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 169Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 170Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 171Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 173Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 174Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 171 of 179
Sep 30, 2024
RX671 Group
Appendix 1. Package Dimensions
Figure C 144-Pin LFQFP (PLQP0144KA-B)
MASS (Typ) [g]
1.2
Unit: mm
Previous Code
RENESAS Code
PLQP0144KA-B
—
JEITA Package Code
P-LFQFP144-20x20-0.50
D
E
A2
HD
HE
A
A1
bp
c
e
x
y
Lp
L1
19.9
19.9
21.8
21.8
0.05
0.17
0.09
0
0.45
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
20.0
20.0
1.4
22.0
22.0
0.20
3.5
0.5
0.6
1.0
20.1
20.1
22.2
22.2
1.7
0.15
0.27
0.20
8
0.08
0.10
0.75
NOTE)
1. DIMENSIONS “*1” AND “*2” DO NOT INCLUDE MOLD FLASH.
2. DIMENSION “*3” DOES NOT INCLUDE TRIM OFFSET.
3. PIN 1 VISUAL INDEX FEATURE MAY VARY, BUT MUST BE
LOCATED WITHIN THE HATCHED AREA.
4. CHAMFERS AT CORNERS ARE OPTIONAL, SIZE MAY VARY.
HD
Lp
L1
Detail F
D
108
73
72
37
109
144
136
F
NOTE 4
NOTE 3
Index area
*1
*3
bp
e
yS
S
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com