Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/G2N Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 140Page - Renesas Technology Corp RZ/G2N Datasheet HTML 141Page - Renesas Technology Corp RZ/G2N Datasheet HTML 142Page - Renesas Technology Corp RZ/G2N Datasheet HTML 143Page - Renesas Technology Corp RZ/G2N Datasheet HTML 144Page - Renesas Technology Corp RZ/G2N Datasheet HTML 145Page - Renesas Technology Corp RZ/G2N Datasheet HTML 146Page - Renesas Technology Corp RZ/G2N Datasheet HTML 147Page - Renesas Technology Corp RZ/G2N Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 144 of 169
Jun 30, 2025
Item
Symbol
Min.
Max.
Unit
Figures
MDQS, MDQS# differential input low pulse
width (read)
tRQSL
0.4
—
tCK(avg)
Figure 3.32.8
MDQS, MDQS# differential READ Preamble
(read)
tRPRE
0.9
—
tCK(avg)
Figure 3.32.8
MDQS, MDQS# differential READ Postamble
(read)
tRPST
0.3
—
tCK(avg)
Figure 3.32.8
MDQS, MDQS# to DQ skew, per group, per
access (read)
tRDQSQ
—
124
ps
Figure 3.32.9
MDQ input hold time from MDQS, MDQS#
(read)
tRQH
0.35
—
tCK(avg)
Figure 3.32.9
Note:
The signal timing is based on the following electric potential:
For MCK output, MDQS input/output: Differential input/output cross point voltage
For MDQ input: MVREF
For outputs other than MCK or MDQS: 0.5 × VDDQ_DDR
• Reference Load and VTT Termination of AC Timing
Reference Load for AC Timing
Figure 3.32.1 Reference Load for AC Timing
Figure 3.32.2 MCK Clock Output
25
Ω
Output pin
Timing definition point
VTT = (VDDQ_VDDR)/2
VDDQ_VDDR
GND
MCK0#
MCK0
tCK (avg)
tCL (abs)
tCH (abs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com