Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51422-QFAA-R7 Datasheet(PDF) 101 Page - Nordic Semiconductor

Part # NRF51422-QFAA-R7
Description  Multiprotocol ANT™/Bluetooth® low energy System on Chip
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51422-QFAA-R7 Datasheet(HTML) 101 Page - Nordic Semiconductor

Back Button NRF51422-QFAA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 105Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
Page 101
nRF51422 Product Specification v3.1
11.6.3
CDAB WLCSP schematic with DC/DC converter setup
Figure 33 CDAB WLCSP with DC/DC converter setup
Note: For PCB reference layouts, see the Reference Layout section on the Downloads tab for the
different chip variants on www.nordicsemi.com.
RF
VCC_nRF
VCC_nRF
C8
100nF
C3
2.2nF
C9
1.0nF
P0.17
P0.18
P0.19
P0.04
P0.03
P0.02
P0.30
P0.00
P0.01
P0.05
P0.06
P0.07
P0.20
C10
47nF
AVDD
C12
1.0μF
L5
15nH
P0.31
AVDD
C1
12pF
C2
12pF
X1
16MHz
C11
100nF
C7
4.7μF
L4
10μH
C14
12pF
C13
12pF
X2
32.768kHz
Optional
ANT1
A3
ANT2
B3
VDD_PA
A2
GND
B1
SE
A1
B1
BAL-NRF02D3
VDD
B8
VDD
G8
VDD_PA
E1
ANT1
D1
ANT2
C1
AVDD
A1
nRF51x22
DCC
B9
P0.30
C8
P0.00
C9
P0.01
E7
P0.02
D9
P0.03
E9
P0.04
E8
P0.05
G9
P0.06
F8
P0.07
G7
P0.17
G3
P0.18
F3
P0.19
F2
P0.20
G1
DEC2
F1
P0.31
D8
VSS
D7
VSS
F6
VSS
F9
U1
nRF51x22-CDAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com