Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 152Page - STMicroelectronics ST10F280 Datasheet HTML 153Page - STMicroelectronics ST10F280 Datasheet HTML 154Page - STMicroelectronics ST10F280 Datasheet HTML 155Page - STMicroelectronics ST10F280 Datasheet HTML 156Page - STMicroelectronics ST10F280 Datasheet HTML 157Page - STMicroelectronics ST10F280 Datasheet HTML 158Page - STMicroelectronics ST10F280 Datasheet HTML 159Page - STMicroelectronics ST10F280 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 186 page
background image
ST10F280
156/186
Notes: 1. ST10F280 pins are equipped with low-noise output drivers which significantly improve the device’s EMI performance. These
low-noise drivers deliver their maximum current only until the respective target output level is reached. After this, the output current
is reduced. This results in increased impedance of the driver, which attenuates electrical noise from the connected PCB tracks. The
current specified in column “Test Conditions” is delivered in any cases.
2. This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float and the
voltage results from the external circuitry.
3. Partially tested, guaranteed by design characterization.
4. Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the specified
range (i.e. VOV > VDD+0.5V or VOV <0.5V). The absolute sum of input overload currents on all port pins may not exceed 50mA. The
supply voltage must remain within the specified limits.
VOH
CC
Output high voltage (PORT0, PORT1, Port4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)
1
IOH = -500µA
IOH = -2.4mA
0.9 VDD
2.4
V
VOH1
CC Output high voltage (all other outputs)
1/2
IOH = – 250µA
IOH = – 1.6mA
0.9 VDD
2.4
V
V
I
OZ1
CC Input leakage current (Port 5, XPort 10)
0V < VIN < VDD
0.2
µA
I
OZ2
CC Input leakage current (all other)
0V < VIN < VDD
–1
µA
I
OV
SR Overload current
3/4
–5
mA
RRST
CC RSTIN pull-up resistor
3
50
250
k
IRWH
Read / Write inactive current
5/6
VOUT = 2.4V
-40
µA
IRWL
Read / Write active current
5/7
VOUT = VOLmax
-500
µA
IALEL
ALE inactive current
5/6
VOUT = VOLmax
40
µA
IALEH
ALE active current
5/7
VOUT = 2.4V
500
µA
IP6H
Port 6 inactive current
5/6
VOUT = 2.4V
-40
µA
IP6L
Port 6 active current
5/7
VOUT = VOL1max
-500
µA
IP0H
PORT0 configuration current
5/6
VIN = VIHmin
-10
µA
IP0L
5/7
VIN = VILmax
-100
µA
I
IL
CC XTAL1 input current
0V < VIN < VDD
–20
µA
CIO
CC Pin capacitance (digital inputs / outputs)
3/5
f = 1MHz, TA
= 25°C
–10
pF
ICC
Power supply current
8
RSTIN = VIH1
fCPU in [MHz]
30 + 3.3 x fCPU mA
IID
Idle mode supply current
9
RSTIN = VIH1
fCPU in [MHz]
20 + fCPU
mA
IPD
Power-down mode supply current
10
VDD = 5.5V
TA = 55°C
200
µA
Symbol
Parameter
Test
Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com