Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD411A1 Datasheet(PDF) 114 Page - STMicroelectronics

Part # PSD411A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD411A1 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button PSD411A1 Datasheet HTML 110Page - STMicroelectronics PSD411A1 Datasheet HTML 111Page - STMicroelectronics PSD411A1 Datasheet HTML 112Page - STMicroelectronics PSD411A1 Datasheet HTML 113Page - STMicroelectronics PSD411A1 Datasheet HTML 114Page - STMicroelectronics PSD411A1 Datasheet HTML 115Page - STMicroelectronics PSD411A1 Datasheet HTML 116Page - STMicroelectronics PSD411A1 Datasheet HTML 117Page - STMicroelectronics PSD411A1 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 123 page
background image
PSD4XX Family
111
PSD4XX
Product
Ordering
Information
(cont.)
Temperature (Blank = Commercial,
I = Industrial, M = Military)
Package Type
Speed (-70 = 70ns, -90 = 90ns, -15 = 150ns
-20 = 200ns, -25 = 250ns)
Revision (Blank = No Revision)
Supply Voltage (Blank = 5V, V = 3 Volt)
Base Part Number - see Selector Guide
PSD (ST Programmable System Device) Fam.
Power Down Feature (Blank = Standard,
Z = Zero Power Feature)
Z
PSD
-A -20 J
I
413A2 V
20.2 Part Number Construction
Operating
Speed
Temperature
Part Number
(ns)
Package Type
Range
PSD401A1-C-70J
70
68 Pin PLDCC
Comm’l
PSD401A1-C-70L
70
68 Pin CLDCC
Comm’l
PSD401A1-C-70U
70
68 Pin TQFP
Comm’l
PSD401A1-C-90JI
90
68 Pin PLDCC
Industrial
PSD401A1-C-90UI
90
68 Pin TQFP
Industrial
PSD401A1-C-12J
120
68 Pin PLDCC
Comm’l
PSD401A1-C-15J
150
68 Pin PLDCC
Comm’l
PSD401A1-C-15L
150
68 Pin CLDCC
Comm’l
PSD401A1-C-15U
150
68 Pin TQFP
Comm’l
PSD401A2-C-70J
70
68 Pin PLDCC
Comm’l
PSD401A2-C-70L
70
68 Pin CLDCC
Comm’l
PSD401A2-C-70U
70
68 Pin TQFP
Comm’l
PSD401A2-C-90JI
90
68 Pin PLDCC
Industrial
PSD401A2-C-90UI
90
68 Pin TQFP
Industrial
PSD401A2-C-15J
150
68 Pin PLDCC
Comm’l
PSD401A2-C-15L
150
68 Pin CLDCC
Comm’l
PSD401A2-C-15U
150
68 Pin TQFP
Comm’l
20.3 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com