Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G2M6 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST72F262G2M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2M6 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST72F262G2M6 Datasheet HTML 163Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 164Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 165Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 166Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 167Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 168Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 169Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 170Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 171Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 168 / 171 page
background image
ERRATA SHEET
168/171
19.9 HALT MODE POWER CONSUMPTION WITH ADC ON
If the A/D converter is being used when Halt mode is entered, the power consumption in Halt
Mode may exceed the maximum specified in the datasheet.
Workaround
Switch off the ADC by software (ADON=0) before executing a HALT instruction.
19.10 ACTIVE HALT WAKE-UP BY EXTERNAL INTERRUPT
External interrupts are not able to wake-up the MCU from Active Halt mode. The MCU can
only exit from Active Halt mode by means of an MCC/RTC interrupt or a reset.
Workaround
Use WAIT mode if external interrupt capability is required in low power mode.
19.11 A/D CONVERTER ACCURACY FOR FIRST CONVERSION
When the ADC is enabled after being powered down (for example when waking up from
HALT, ACTIVE-HALT or setting the ADON bit in the ADCCSR register), the first conversion
(8-bit or 10-bit) accuracy does not meet the accuracy specified in the data sheet.
Workaround
In order to have the accuracy specified in the datasheet, the first conversion after a ADC
switch-on has to be ignored.
19.12 NEGATIVE INJECTION IMPACT ON ADC ACCURACY
Injecting a negative current on an analog input pins significantly reduces the accuracy of the
AD Converter. Whenever necessary, the negative injection should be prevented by the addi-
tion of a Schottky diode between the concerned I/Os and ground.
Injecting a negative current on digital input pins degrades ADC accuracy especially if per-
formed on a pin close to ADC channel in use.
19.13 ADC CONVERSION SPURIOUS RESULTS
Spurious conversions occur with a rate lower than 50 per million. Such conversions happen
when the measured voltage is just between 2 consecutive digital values.
Workaround
A software filter should be implemented to remove erratic conversion results whenever they
may cause unwanted consequences.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com