Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F321AR7T6 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST72F321AR7T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR7T6 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST72F321AR7T6 Datasheet HTML 118Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 119Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 120Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 121Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 122Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 123Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 124Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 125Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 185 page
background image
ST72321
122/185
I2C BUS INTERFACE (Cont’d)
Bit 1 = M/SL
Master/Slave.
This bit is set by hardware as soon as the interface
is in Master mode (writing START=1). It is cleared
by hardware after detecting a Stop condition on
the bus or a loss of arbitration (ARLO=1). It is also
cleared when the interface is disabled (PE=0).
0: Slave mode
1: Master mode
Bit 0 = SB
Start bit (Master mode).
This bit is set by hardware as soon as the Start
condition
is
generated
(following
a
write
START=1). An interrupt is generated if ITE=1. It is
cleared by software reading SR1 register followed
by writing the address byte in DR register. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
0: No Start condition
1: Start condition generated
I2C STATUS REGISTER 2 (SR2)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7:5 = Reserved. Forced to 0 by hardware.
Bit 4 = AF
Acknowledge failure.
This bit is set by hardware when no acknowledge
is returned. An interrupt is generated if ITE=1. It is
cleared by software reading SR2 register or by
hardware when the interface is disabled (PE=0).
The SCL line is not held low while AF=1.
0: No acknowledge failure
1: Acknowledge failure
Bit 3 = STOPF
Stop detection (Slave mode).
This bit is set by hardware when a Stop condition
is detected on the bus after an acknowledge (if
ACK=1). An interrupt is generated if ITE=1. It is
cleared by software reading SR2 register or by
hardware when the interface is disabled (PE=0).
The SCL line is not held low while STOPF=1.
0: No Stop condition detected
1: Stop condition detected
Bit 2 = ARLO
Arbitration lost.
This bit is set by hardware when the interface los-
es the arbitration of the bus to another master. An
interrupt is generated if ITE=1. It is cleared by soft-
ware reading SR2 register or by hardware when
the interface is disabled (PE=0).
After an ARLO event the interface switches back
automatically to Slave mode (M/SL=0).
The SCL line is not held low while ARLO=1.
0: No arbitration lost detected
1: Arbitration lost detected
Bit 1 = BERR
Bus error.
This bit is set by hardware when the interface de-
tects a misplaced Start or Stop condition. An inter-
rupt is generated if ITE=1. It is cleared by software
reading SR2 register or by hardware when the in-
terface is disabled (PE=0).
The SCL line is not held low while BERR=1.
0: No misplaced Start or Stop condition
1: Misplaced Start or Stop condition
Bit 0 = GCAL
General Call (Slave mode).
This bit is set by hardware when a general call ad-
dress is detected on the bus while ENGC=1. It is
cleared by hardware detecting a Stop condition
(STOPF=1) or when the interface is disabled
(PE=0).
0: No general call address detected on bus
1: general call address detected on bus
70
0
0
0
AF
STOPF ARLO
BERR
GCAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com