Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F321AR7T6 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72F321AR7T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR7T6 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72F321AR7T6 Datasheet HTML 135Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 136Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 137Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 138Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 139Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 140Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 141Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 142Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 185 page
background image
ST72321
139/185
OPERATING CONDITIONS (Cont’d)
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fCPU, and TA.
Notes:
1. Data based on characterization results, not tested in production.
2. When VtPOR is faster than 100 µs/V, the Reset signal is released after a delay of max. 42µs after VDD crosses the
VIT+(LVD) threshold.
3. If the medium or low thresholds are selected, the detection may occur outside the specified operating voltage range.
Below 3.8V, device operation is not guaranteed.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
VD level = High in option byte
4.0 1)
4.2
4.5
V
VD level = Med. in option byte3)
VD level = Low in option byte3)
3.55 1)
2.95 1)
3.75
3.15
4.01)
3.351)
VIT-(LVD)
Reset generation threshold
(VDD fall)
VD level = High in option byte
3.8
4.0
4.25 1)
VD level = Med. in option byte3)
VD level = Low in option byte3)
3.351)
2.81)
3.55
3.0
3.751)
3.15 1)
Vhys(LVD)
LVD voltage threshold hysteresis 1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time
1)2)
6
∝
µs/V
tg(VDD)
VDD glitches filtered (not detected)
by LVD 1)
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com